Part Number Hot Search : 
SS510 N1N4113D 74LS4 2363C GC10DH TB6551F MC1489 CTS24
Product Description
Full Text Search
 

To Download 2N5881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
DESCRIPTION With TO-3 package Low collector-emitter saturation voltage Complement to type 2N5879 2N5880 APPLICATIONS For general-purpose power amplifier and switching applications
PINNING PIN 1 2 3 Base Emitter Collector DESCRIPTION
2N5881 2N5882
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL PARAMETER 2N5881 VCBO Collector-base voltage 2N5882 Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature TC=25ae 2N5881 Open base 2N5882 Open collector 80 5 15 30 5 160 150 -65~200 ae ae V A A A W Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
VCEO
VEBO IC ICM IB PD Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.1 UNIT ae /W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2N5881 2N5882
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N5881 IC=0.2A ;IB=0 2N5882 IC=7A;IB=0.7A IC=15A;IB=3.75A IC=15A;IB=3.75A IC=6A ; VCE=4V VCB=ratedVCBO; IB=0 2N5881 ICEO Collector cut-off current 2N5882 ICEX IEBO hFE-1 hFE-2 hFE-3 fT Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Trainsistion frequency VCE=40V; IB=0 VCE=ratedVCE; VBE=1.5V TC=150ae VEB=5V; IC=0 IC=2A ; VCE=4V IC=6A ; VCE=4V IC=15A ; VCE=4V IC=1A ; VCE=10V 35 20 4 4 MHz 100 0.5 5.0 1.0 mA mA VCE=30V; IB=0 1.0 mA 80 1.0 4.0 2.5 1.5 0.5 V V V V mA CONDITIONS MIN 60 V TYP. MAX UNIT
SYMBOL
VCEO(sus)
Collector-emitter sustaining voltage
VCEsat-1 VCEsat-2 VBEsat VBE ICBO
Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter on voltage Collector cut-off current
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5881 2N5882
Fig.2 outline dimensions (unindicated tolerance:A
0.10mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2N5881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X